Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC51 Datasheet (PDF) - Intel Corporation

8XC51 Datasheet PDF - Intel Corporation
Part # 8XC51
Download  8XC51 Download
File Size   311.78 Kbytes
Page   22 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

8XC51 Datasheet (PDF)

Go To PDF Page Download Datasheet
8XC51 Datasheet PDF - Intel Corporation

Part # 8XC51
Download  8XC51 Click to download

File Size   311.78 Kbytes
Page   22 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

8XC51 Datasheet (HTML) - Intel Corporation


8XC51 Product details

MEMORY ORGANIZATION
PROGRAM MEMORY: Up to 8 Kbytes of the program memory can reside in the on-chip ROM. Also, the device can address up to 64K of program memory external to the chip.
DATA MEMORY: This microcontroller has a 256 x 8 on-chip RAM. In addition it can address up to 64 Kbytes of external data memory.
The Intel 8XC51GB is a single-chip control oriented microcontroller which is fabricated on Intel’s CHMOS III-E technology. The 8XC51GB is an enhanced version of the 8XC51FA and uses the same powerful instruction set and architecture as existing MCS 51 microcontroller products. Added features make it an even more powerful microcontroller for applications that require On-Chip A/D, Pulse Width Modulation, High Speed I/O, up/down counting capabilities and memory protection features. It also has a more versatile serial channel that facilitates multi-processor communications.

■ 8 Kbytes On-Chip ROM/OTP ROM
■ 256 Bytes of On-Chip Data RAM
■ Two Programmable Counter Arrays with:
   — 2 x 5 High Speed Input/Output Channels Compare/Capture
   — Pulse Width Modulators
   — Watchdog Timer Capabilities
■ Three 16-Bit Timer/Counters with
   — Four Programmable Modes:
   — Capture, Baud Rate Generation (Timer 2)
■ Dedicated Watchdog Timer
■ 8-Bit, 8-Channel A/D with:
   — Eight 8-Bit Result Registers
   — Four Programmable Modes
■ Programmable Serial Channel with:
   — Framing Error Detection
   — Automatic Address Recognition
■ Serial Expansion Port
■ Programmable Clock Out
■ Extended Temperature Range: (b40§C to a85§C)
■ 48 Programmable I/O Lines with 40 Schmitt Trigger Inputs
■ 15 Interrupt Sources with:
   — 7 External, 8 Internal Sources
   — 4 Programmable Priority Levels
■ Pre-Determined Port States on Reset
■ High Performance CHMOS Process
■ TTL and CHMOS Compatible Logic Levels
■ Power Saving Modes
■ 64K External Data Memory Space
■ 64K External Program Memory Space
■ Three Level Program Lock System
■ ONCE (ON-Circuit Emulation) Mode
■ Quick Pulse Programming Algorithm
■ MCSÉ 51 Microcontroller Fully Compatible Instruction Set
■ Boolean Processor
■ Oscillator Fail Detect
■ Available in 68-Pin PLCC




Similar Part No. - 8XC51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51 NXP-8XC51 Datasheet
238Kb / 32P
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
355Kb / 56P
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
348Kb / 55P
8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51FB PHILIPS-8XC51FB Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
8XC51FB PHILIPS-8XC51FB Datasheet
355Kb / 56P
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results


Similar Description - 8XC51

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51 INTEL-87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com