Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82559ER Datasheet (PDF) - Intel Corporation

GD82559ER Datasheet PDF - Intel Corporation
Part # GD82559ER
Download  GD82559ER Download
File Size   662.57 Kbytes
Page   94 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PCI Controller

GD82559ER Datasheet (PDF)

Go To PDF Page Download Datasheet
GD82559ER Datasheet PDF - Intel Corporation

Part # GD82559ER
Download  GD82559ER Click to download

File Size   662.57 Kbytes
Page   94 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PCI Controller

GD82559ER Datasheet (HTML) - Intel Corporation


GD82559ER Product details

Product Features

■ Optimum Integration for Lowest Cost Solution

—Integrated IEEE 802.3 10BASE-T and 100BASE-TX compatible PHY

—Glueless 32-bit PCI master interface

—128 Kbyte Flash interface

—Thin BGA 15mm2 package

—ACPI and PCI Power Management

—Power management event on “interesting” packets and link status change support

—Test Access Port

■ High Performance Networking Functions

—Chained memory structure similar to the 82559,82558, 82557, and 82596

—Improved dynamic transmit chaining with multiple priorities transmit queues

—Full Duplex support at both 10 and 100 Mbps

—IEEE 802.3u Auto-Negotiation support

—3 Kbyte transmit and 3 Kbyte receive FIFOs

—Fast back-to-back transmission support with minimum interframe spacing

—IEEE 802.3x 100BASE-TX Flow Control support

—Low Power Features

—Low power 3.3 V device

—Efficient dynamic standby mode

—Deep power down support

—Clockrun protocol support

 




Similar Part No. - GD82559ER

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82559C INTEL-GD82559C Datasheet
828Kb / 60P
Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
More results


Similar Description - GD82559ER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
PCI Hot Plug Controller
March 2000
logo
fujitsu semiconductor
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
PCI Graphics Controller Specification
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
AMAZON PCI ETHERNET CONTROLLER
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
AV PCI CONTROLLER
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
PCI 1394 Host Controller
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
PCI FAST ETHERNET CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
Applied Micro Circuits ...
S5335 AMCC-S5335 Datasheet
2Mb / 189P
PCI Bus Controller, 3.3V
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com