Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC020FLSA Datasheet (PDF) - Intel Corporation

IMC020FLSA Datasheet PDF - Intel Corporation
Part # IMC020FLSA
Download  IMC020FLSA Download
File Size   548.17 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA

IMC020FLSA Datasheet (PDF)

Go To PDF Page Download Datasheet
IMC020FLSA Datasheet PDF - Intel Corporation

Part # IMC020FLSA
Download  IMC020FLSA Click to download

File Size   548.17 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA

IMC020FLSA Datasheet (HTML) - Intel Corporation


IMC020FLSA Product details

Intel’s Series 2 Flash Memory Card facilitates high-performance disk emulation in mobile PCs and dedicated equipment. Manufactured with Intel’s ETOXTM III 0.8m, FlashFile Memory devices, the Series 2 Card allows code and data retention while erasing and/or writing other blocks. Additionally, the Series 2 Flash Memory Card features low power modes, flexible system interfacing and a 150 ns read access time. When coupled with Intel’s low-power microprocessors, these cards enable high-performance implementations of mobile computers and systems.

■ 2, 4, 10 and 20 Megabyte Capacities
■ PCMCIA 2.1/JEIDA 4.1 68-Pin Standard
   - Hardwired Card Information Structure
   - Byte- or Word-Wide Selectable
■ Component Management Registers for Card Status/Control and Flexible System Interface
■ Automatic Erase/Write
   - Monitored with Ready/Busy Output
■ Card Power-Down Modes
   - Deep-Sleep for Low Power Applications
■ Mechanical Write Protect Switch
■ Solid-State Reliability
■ Intel FlashFileTM Architecture
■ High-Performance Read Access
   - 150 ns Maximum
■ High-Performance Random Writes
   - 6 ms Typical Word Write
■ Erase Suspend to Read Command
   - Keeps Erase as Background Task
■ Nonvolatility (Zero Retention Power)
   - No Batteries Required for Back-up
■ETOXTM V 0.4m Flash Memory Technology
   - 5V Read, 12V Erase/Write
   - High-Volume Manufacturing Experience
■Extended Temperature Version
   - -40°C to +85°C

 




Similar Part No. - IMC020FLSA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IMC02 MACOM-IMC02 Datasheet
217Kb / 2P
iMC Laser or hand writable marking clip
Revised 04-07
IMC02CGR MACOM-IMC02CGR Datasheet
2Mb / 28P
IM Series Signal Relays
IMC02GR MACOM-IMC02GR Datasheet
2Mb / 28P
IM Series Signal Relays
IMC02TS MACOM-IMC02TS Datasheet
2Mb / 28P
IM Series Signal Relays
More results


Similar Description - IMC020FLSA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
2 Megabit CMOS Flash Memory
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
List of Unclassifed Man...
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
From the world leader in flash memory cards
logo
ON Semiconductor
LE25U20AMB ONSEMI-LE25U20AMB Datasheet
204Kb / 21P
Serial Flash Memory 2 Mb
February 2017 - Rev. 1
logo
Apacer Technology Inc.
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
R1 microSD memory cards
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
SD memory cards
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
SD memory cards
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com