Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS05K Datasheet (PDF) - Intersil Corporation

ACS05K Datasheet PDF - Intersil Corporation
Part # ACS05K
Download  ACS05K Download
File Size   50.75 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Hex Inverter with Open Drain Outputs

ACS05K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS05K Datasheet PDF - Intersil Corporation

Part # ACS05K
Download  ACS05K Click to download

File Size   50.75 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Hex Inverter with Open Drain Outputs

ACS05K Datasheet (HTML) - Intersil Corporation


ACS05K Product details

The Radiation Hardened ACS05MS is a Hex Inverter with open drain outputs. This device inverts a HIGH level on each input to a LOW level on the corresponding Y output. A LOW level on the input causes the corresponding Y output to enter a high impedance state, which can be pulled HIGH through a resistor to VCC. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-Up Free Under any Conditions
    - Total Dose. . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD (Si)
    - SEU Immunity. . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . ±8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . 100µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 20ns (Max)

Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs




Similar Part No. - ACS05K

ManufacturerPart #DatasheetDescription
logo
EPCOS
ACS0.100KCV4TNLD EPCOS-ACS0.100KCV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
ACS0.100KDV4TNLD EPCOS-ACS0.100KDV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
ACS0.250KCV4TNLD EPCOS-ACS0.250KCV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
ACS0.250KDV4TNLD EPCOS-ACS0.250KDV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
ACS0.400KCV4TNLD EPCOS-ACS0.400KCV4TNLD Datasheet
137Kb / 8P
Pressure transmitters for PCB mounting (voltage output)
More results


Similar Description - ACS05K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
Hex Inverter with Open Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
Hex Inverter with Open-Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
Hex Inverter with Open Drain Outputs
logo
Intersil Corporation
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
logo
Renesas Technology Corp
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com