Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS11K Datasheet (PDF) - Intersil Corporation

ACS11K Datasheet PDF - Intersil Corporation
Part # ACS11K
Download  ACS11K Download
File Size   50.37 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple 3-Input AND Gate

ACS11K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS11K Datasheet PDF - Intersil Corporation

Part # ACS11K
Download  ACS11K Click to download

File Size   50.37 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple 3-Input AND Gate

ACS11K Datasheet (HTML) - Intersil Corporation


ACS11K Product details

Radiation Hardened Triple 3-Input AND Gate



The Radiation Hardened ACS11MS is a Triple 3-Input AND Gate. When all three inputs to one of the gates are at a HIGH level, the corresponding Y output will be HIGH. A LOW level on any input will cause the output for that gate to be LOW. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.



Features

• QML Qualified Per MIL-PRF-38535 Requirements

• 1.25 Micron Radiation Hardened SOS CMOS

• Radiation Environment

- Latch-Up Free Under any Conditions

- Total Dose. . . . . . . . . . . . . . . . . . . . . . 3 x 105RAD (Si)

- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day

- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)

• Input Logic Levels . . . . VIL= (0.3)(VCC), VIH= (0.7)(VCC)

• Output Current . . . . . . . . . . . . . . . . . . . . . . . . ±8mA (Min)

• Quiescent Supply Current . . . . . . . . . . . . . . 100µA (Max)

• Propagation Delay . . . . . . . . . . . . . . . . . . . . . .12ns (Max)



Applications

• High Speed Control Circuits

• Sensor Monitoring

• Low Power Designs




Similar Part No. - ACS11K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS110-7SB2 STMICROELECTRONICS-ACS110-7SB2 Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
logo
Kersemi Electronic Co.,...
ACS110-7SB2 KERSEMI-ACS110-7SB2 Datasheet
439Kb / 10P
AC LINE SWITCH
logo
STMicroelectronics
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
logo
Intersil Corporation
ACS112D INTERSIL-ACS112D Datasheet
9Kb / 1P
Radiation Hardened Dual J-K Flip-Flop
January 1996
More results


Similar Description - ACS11K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com