Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS125K Datasheet (PDF) - Intersil Corporation

ACS125K Datasheet PDF - Intersil Corporation
Part # ACS125K
Download  ACS125K Download
File Size   50.88 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Buffer, Three-State

ACS125K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS125K Datasheet PDF - Intersil Corporation

Part # ACS125K
Download  ACS125K Click to download

File Size   50.88 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Buffer, Three-State

ACS125K Datasheet (HTML) - Intersil Corporation


ACS125K Product details

Description

The Intersil ACS125MS is a Radiation Hardened Quad Buffer with Three-State outputs. Each output has it’s own enable input, which when “HIGH” puts the output in a high impedance state.



Features

• Devices QML Qualified in Accordance with MIL-PRF-38535

• Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96705 and Intersil’s QM Plan

• 1.25 Micron Radiation Hardened SOS CMOS

• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)

• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day(Typ)

• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg

• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse

• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse

• Latch-Up Free Under Any Conditions

• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC

• Significant Power Reduction Compared to ALSTTL Logic

• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V

• Input Logic Levels

- VIL = 30% of VCC Max

- VIH = 70% of VCC Min

• Input Current≤1µA at VOL, VOH

• Fast Propagation Delay . . . . . . . . . . . . . . . . 15ns (Max), 10ns (Typ)




Similar Part No. - ACS125K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
Overvoltage protected AC switch (ACS)
24-Mar-2022
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
AC LINE SWITCH
Apr-2003
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
STMicroelectronics
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
477Kb / 17P
Overvoltage protected AC switch (ACS)
24-Mar-2022
ACS120-7SB-TR STMICROELECTRONICS-ACS120-7SB-TR Datasheet
119Kb / 11P
AC LINE SWITCH
Apr-2003
More results


Similar Description - ACS125K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS125MS INTERSIL-ACTS125MS Datasheet
42Kb / 4P
Radiation Hardened Quad Buffer, Three-State
January 1996
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS125MS INTERSIL-HCS125MS Datasheet
93Kb / 9P
Radiation Hardened Quad Buffer, Three-State
September 1995
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com