Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS14K Datasheet (PDF) - Intersil Corporation

ACS14K Datasheet PDF - Intersil Corporation
Part # ACS14K
Download  ACS14K Download
File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Hex Inverting Schmitt Trigger

ACS14K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS14K Datasheet PDF - Intersil Corporation

Part # ACS14K
Download  ACS14K Click to download

File Size   50.84 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Hex Inverting Schmitt Trigger

ACS14K Datasheet (HTML) - Intersil Corporation


ACS14K Product details

Radiation Hardened Hex Inverting Schmitt Trigger



The Radiation Hardened ACS14MS is a Hex Inverting Schmitt Trigger. This device simply inverts the level present on each input. The Schmitt Trigger input stage provides 400mV (Min) of hysteresis and permits input signals with longer rise times. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.



Features

• QML Qualified Per MIL-PRF-38535 Requirements

• 1.25 Micron Radiation Hardened SOS CMOS

• Radiation Environment

- Latch-Up Free Under any Conditions

- Total Dose. . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD (Si)

- SEU Immunity . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day

- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)

• Input Logic Levels . . . . VIL= (0.3)(VCC), VIH= (0.7)(VCC)

• Hysteresis Voltage . . . . . . . . . . . . . . . . . . . . 400mV (Min)

• Output Current . . . . . . . . . . . . . . . . . . . . . . . . ±8mA (Min)

• Quiescent Supply Current . . . . . . . . . . . . . . 100µA (Max)

• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 14ns (Max)



Applications

• High Speed Control Circuits

• Sensor Monitoring

• Low Power Designs




Similar Part No. - ACS14K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS14K/SAMPLE-03 RENESAS-ACS14K/SAMPLE-03 Datasheet
227Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
More results


Similar Description - ACS14K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
logo
Intersil Corporation
HCS14MS INTERSIL-HCS14MS Datasheet
158Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS INTERSIL-HCTS14MS Datasheet
131Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
NXP Semiconductors
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com