Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS244D Datasheet (PDF) - Intersil Corporation

ACS244D Datasheet PDF - Intersil Corporation
Part # ACS244D
Download  ACS244D Download
File Size   46.8 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver

ACS244D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS244D Datasheet PDF - Intersil Corporation

Part # ACS244D
Download  ACS244D Click to download

File Size   46.8 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver

ACS244D Datasheet (HTML) - Intersil Corporation


ACS244D Product details

Description
The Radiation Hardened ACS244MS is a Non-Inverting, Octal, Three-State Buffer/Line Driver with two active-LOW Enable inputs (AE and BE). Each Enable input controls four outputs. When an Enable input is LOW, the corresponding outputs are active. A HIGH on an Enable input causes the corresponding outputs to be high impedance, regardless of the input levels.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . VIL = (0.3V)(VCC), VIH = (0.7V)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . ±16mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . .20µA
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . 9.0ns

Applications
• Databus Driving
• Data Routing
• Redundant Data Control Circuitry




Similar Part No. - ACS244D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
More results


Similar Description - ACS244D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
logo
Renesas Technology Corp
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com