Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS86MS Datasheet (PDF) - Intersil Corporation

ACS86MS Datasheet PDF - Intersil Corporation
Part # ACS86MS
Download  ACS86MS Download
File Size   62.02 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Exclusive OR Gate

ACS86MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS86MS Datasheet PDF - Intersil Corporation

Part # ACS86MS
Download  ACS86MS Click to download

File Size   62.02 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Exclusive OR Gate

ACS86MS Datasheet (HTML) - Intersil Corporation


ACS86MS Product details

Description
The Intersil ACS86MS is a radiation hardened quad 2-input exclusive OR gate. A high logic level on both inputs forces the output to a logic low state.
The ACS86MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of the radiation hardened, high-speed, CMOS/SOS Logic Family.

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
    <1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current ≤1µA at VOL, VOH




Similar Part No. - ACS86MS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8509 IQD-ACS8509 Datasheet
208Kb / 4P
TCXO Specification
logo
Semtech Corporation
ACS8509T SEMTECH-ACS8509T Datasheet
708Kb / 68P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results


Similar Description - ACS86MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS86MS INTERSIL-ACTS86MS Datasheet
86Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCS32MS INTERSIL-HCS32MS_07 Datasheet
285Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS86MS RENESAS-HCTS86MS Datasheet
385Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com