Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS30K Datasheet (PDF) - Intersil Corporation

ACS30K Datasheet PDF - Intersil Corporation
Part # ACS30K
Download  ACS30K Download
File Size   38.5 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Input NAND Gate

ACS30K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS30K Datasheet PDF - Intersil Corporation

Part # ACS30K
Download  ACS30K Click to download

File Size   38.5 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Input NAND Gate

ACS30K Datasheet (HTML) - Intersil Corporation


ACS30K Product details

The Radiation Hardened ACS30MS is an 8-Input NAND Gate. A HIGH level on all inputs results in a LOW level on the Y output. A LOW level on any input results in a HIGH level on the Y output. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-Up Free Under Any Conditions
    - Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity. . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 5.0µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . .16ns (Max)

Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs




Similar Part No. - ACS30K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
ACS302-5T3 STMICROELECTRONICS-ACS302-5T3 Datasheet
120Kb / 7P
THREE LINES AC SWITCH ARRAY
Jan-2003
logo
Kersemi Electronic Co.,...
ACS302-5T3 KERSEMI-ACS302-5T3 Datasheet
456Kb / 7P
THREE LINES AC SWITCH ARRAY
logo
STMicroelectronics
ACS302-6T3 STMICROELECTRONICS-ACS302-6T3 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results


Similar Description - ACS30K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com