Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS112K Datasheet (PDF) - Intersil Corporation

ACTS112K Datasheet PDF - Intersil Corporation
Part # ACTS112K
Download  ACTS112K Download
File Size   237.06 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual J-K Flip-Flop

ACTS112K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS112K Datasheet PDF - Intersil Corporation

Part # ACTS112K
Download  ACTS112K Click to download

File Size   237.06 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual J-K Flip-Flop

ACTS112K Datasheet (HTML) - Intersil Corporation


ACTS112K Product details

Description
The Intersil ACTS112MS is a Radiation Hardened Dual J-K Flip-Flop with Set and Reset. The output change states on the negative transition of the clock (CP1N or CP2N).
The ACTS112MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACTS112MS is supplied in a 16 lead Ceramic Flatpack (K suffix) or a Ceramic Dual-In-Line Package (D suffix).

Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96714 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability. . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current ≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 26ns (Max), 16ns (Typ)




Similar Part No. - ACTS112K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS10D INTERSIL-ACTS10D Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10DMSR INTERSIL-ACTS10DMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10HMSR INTERSIL-ACTS10HMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10K INTERSIL-ACTS10K Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS10KMSR INTERSIL-ACTS10KMSR Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
More results


Similar Description - ACTS112K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
Dual J-K Flip-Flop
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
Dual J-K Flip Flop
logo
Intersil Corporation
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
ACS112MS INTERSIL-ACS112MS Datasheet
9Kb / 1P
Radiation Hardened Dual J-K Flip-Flop
January 1996
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
DUAL J-K FLIP-FLOP
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
Radiation-Hardened Dual J-K Flip-Flops
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
Dual J-K Flip-Flop
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_14 Datasheet
103Kb / 6P
Dual J-K Flip-Flop
August, 2014 ??Rev. 8
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com