Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS373K Datasheet (PDF) - Intersil Corporation

ACTS373K Datasheet PDF - Intersil Corporation
Part # ACTS373K
Download  ACTS373K Download
File Size   91.12 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Transparent Latch, Three-State

ACTS373K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS373K Datasheet PDF - Intersil Corporation

Part # ACTS373K
Download  ACTS373K Click to download

File Size   91.12 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Transparent Latch, Three-State

ACTS373K Datasheet (HTML) - Intersil Corporation


ACTS373K Product details

Description
The Intersil ACTS373MS is a radiation hardened octal transparent latch with three-state outputs. The outputs are transparent to the inputs when the latch enable (LE) is high. When the LE goes low, the data is latched. When the Output Enable (OE) is high, the outputs are in the high impedance state. The latch operation is independent of the state of the output enable.

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity <1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2V Min
• Input Current ≤1µA at VOL, VOH




Similar Part No. - ACTS373K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS373K RENESAS-ACTS373K Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS373KMSR RENESAS-ACTS373KMSR Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results


Similar Description - ACTS373K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com