Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS573T Datasheet (PDF) - Intersil Corporation

ACTS573T Datasheet PDF - Intersil Corporation
Part # ACTS573T
Download  ACTS573T Download
File Size   40.11 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Three-State Transparent Latch

ACTS573T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS573T Datasheet PDF - Intersil Corporation

Part # ACTS573T
Download  ACTS573T Click to download

File Size   40.11 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Three-State Transparent Latch

ACTS573T Datasheet (HTML) - Intersil Corporation


ACTS573T Product details

Intersil’s Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD total dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability.

Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
    - Gamma Dose (γ) 1 x 105 RAD(Si)
    - Latch-Up Free Under Any Conditions
    - Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ)
    - SEU LET Threshold . . . . . . . . . . . . .>100 MEV-cm2/mg
• 1.25 Micron Radiation Hardened SOS CMOS
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range. . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Fast Propagation Delay . . . . . . . . 18ns (Max), 12ns (Typ)




Similar Part No. - ACTS573T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS573D INTERSIL-ACTS573D Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573HMSR INTERSIL-ACTS573HMSR Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573K INTERSIL-ACTS573K Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Similar Description - ACTS573T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com