Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS541K Datasheet (PDF) - Intersil Corporation

ACTS541K Datasheet PDF - Intersil Corporation
Part # ACTS541K
Download  ACTS541K Download
File Size   66.48 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Three-State Buffer/Line Driver

ACTS541K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS541K Datasheet PDF - Intersil Corporation

Part # ACTS541K
Download  ACTS541K Click to download

File Size   66.48 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Three-State Buffer/Line Driver

ACTS541K Datasheet (HTML) - Intersil Corporation


ACTS541K Product details

Description
The Intersil ACTS541MS is a Radiation Hardened Octal Buffer/Line Driver, with three-state outputs. The output enable pins OE1, OE2 control the three-state outputs. If either enable is high the output will be in a high impedance state. For data output both enables must be low.
The ACTS541MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of a radiation hardened, high-speed, CMOS/SOS Logic family.
The ACTS541MS is supplied in a 20 lead Ceramic Flatpack (K suffix) or a Ceramic Dual-In-Line package (D suffix).

Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96726 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability. . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current ≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 21ns (Max), 14ns (Typ)




Similar Part No. - ACTS541K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS541KTR-02 INTERSIL-ACTS541KTR-02 Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
More results


Similar Description - ACTS541K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com