Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLJ100 Datasheet (PDF) - List of Unclassifed Manufacturers

SMLJ100 Datasheet PDF - List of Unclassifed Manufacturers
Part # SMLJ100
Download  SMLJ100 Download
File Size   385.51 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Transient Voltage Suppressor

SMLJ100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLJ100 Datasheet PDF - List of Unclassifed Manufacturers

Part # SMLJ100
Download  SMLJ100 Click to download

File Size   385.51 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Transient Voltage Suppressor

SMLJ100 Datasheet (HTML) - List of Unclassifed Manufacturers


SMLJ100 Product details

[Microsemi Shanghai]

Breakdown Voltage 5.0 to 170 Volts
Peak Pulse Power 3000 Watts

Features
● Breakdown Voltages (VBR) from 5.0 to 170V
● 3000W peak pulse power capability with a 10/1000μs waveform,
   repetitive rate (duty cycle):0.01%
● Fast Response Time
● Low incremental surge resistance
● Excellent clamping capability
● Available in uni-directional and bi-directional
● High temperature soldering guaranteed:
   265℃ /10 seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg) tension

Application
● Use in sensitive electronics protection against voltage
   transients induced by inductive load switching and
   lighting on ICS, MOSFE, signal lines of sensor units for
   consumer, computer, industrial, automotive and
   telecommunication




Similar Part No. - SMLJ100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ100 MCC-SMLJ100 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ100 MICROSEMI-SMLJ100 Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMLJ100 MICROSEMI-SMLJ100 Datasheet
195Kb / 4P
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
logo
Micro Commercial Compon...
SMLJ100A MCC-SMLJ100A Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ100A MICROSEMI-SMLJ100A Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
More results


Similar Description - SMLJ100

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com