Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3046 Datasheet (PDF) - Intersil Corporation

CA3046 Datasheet PDF - Intersil Corporation
Part # CA3046
Download  CA3046 Download
File Size   53.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose NPN Transistor Arrays

CA3046 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3046 Datasheet PDF - Intersil Corporation

Part # CA3046
Download  CA3046 Click to download

File Size   53.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose NPN Transistor Arrays

CA3046 Datasheet (HTML) - Intersil Corporation


CA3046 Product details

General Purpose NPN Transistor Arrays

The CA3045 and CA3046 each consist of five general purpose silicon NPN transistors on a common monolithic substrate. Two of the transistors are internally connected to form a differentially connected pair.
The transistors of the CA3045 and CA3046 are well suited to a wide variety of applications in low power systems in the DC through VHF range. They may be used as discrete transistors in conventional circuits. However, in addition, they provide the very significant inherent integrated circuit advantages of close electrical and thermal matching.

Features
• Two Matched Transistors
   - VBE Match . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mV
   - IIO Match. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2µA (Max)
• Low Noise Figure . . . . . . . . . . . . . . . . 3.2dB (Typ) at 1kHz
• 5 General Purpose Monolithic Transistors
• Operation From DC to 120MHz
• Wide Operating Current Range
• Full Military Temperature Range

Applications
• Three Isolated Transistors and One Differentially
   Connected Transistor Pair for Low Power Applications at
   Frequencies from DC Through the VHF Range
• Custom Designed Differential Amplifiers
• Temperature Compensated Amplifiers
• See Application Note, AN5296 “Application of the CA3018
   Integrated-Circuit Transistor Array” for Suggested
   Applications




Similar Part No. - CA3046

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
logo
List of Unclassifed Man...
CA3046 ETC2-CA3046 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Intersil Corporation
CA3046M INTERSIL-CA3046M Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
CA3046M96 INTERSIL-CA3046M96 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
More results


Similar Description - CA3046

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
General Purpose High Current NPN Transistor Arrays
November 1999
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
GENERAL PURPOSE TRANSISTOR ARRAYS
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
Harris Corporation
CA3018 HARRIS-CA3018 Datasheet
48Kb / 6P
General Purpose Transistor Arrays
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
General Purpose High Current NPN Transistor Arrays
May 2001
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com