Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3060 Datasheet (PDF) - Intersil Corporation

CA3060 Datasheet PDF - Intersil Corporation
Part # CA3060
Download  CA3060 Download
File Size   193.53 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 110kHz, Operational Transconductance Amplifier Array

CA3060 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3060 Datasheet PDF - Intersil Corporation

Part # CA3060
Download  CA3060 Click to download

File Size   193.53 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 110kHz, Operational Transconductance Amplifier Array

CA3060 Datasheet (HTML) - Intersil Corporation


CA3060 Product details

Description

The CA3060 monolithic integrated circuit consists of an array of three independent Operational Transconductance Amplifiers (see Note). This type of amplifier has the generic characteris tics of an operational voltage amplifier with the exception that the forward gain characteristic is best described by transcon ductance rather than voltage gain (open-loop voltage gain is the product of the transconductance and the load resistance, gMRL). When operated into a suitable load resistor and with provisions for feedback, these amplifiers are well suited for a wide variety of operational-amplifier and related applications. In addition, the extremely high output impedance makes these types particularly well suited for service in active filters.



Features

• Low Power Consumption as Low as 100mW Per Amplifier

• Independent Biasing for Each Amplifier

• High Forward Transconductance

• Programmable Range of Input Characteristics

• Low Input Bias and Input Offset Current

• High Input and Output Impedance

• No Effect on Device Under Output Short-Circuit Conditions

• Zener Diode Bias Regulator



Applications

• For Low Power Conventional Operational Amplifier Applications

• Active Filters

• Comparators

• Gyrators

• Mixers

• Modulators

• Multiplexers

• Multipliers

• Strobing and Gating Functions

• Sample and Hold Functions



 




Similar Part No. - CA3060

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
110kHz, Operational Transconductance Amplifier Array
CA3060E HARRIS-CA3060E Datasheet
143Kb / 12P
110kHz, Operational Transconductance Amplifier Array
More results


Similar Description - CA3060

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
Operational Transconductance Amplifier
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
Dual operational transconductance amplifier
2002 Dec 06
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
110kHz, Operational Transconductance Amplifier Array
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com