Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3094 Datasheet (PDF) - Intersil Corporation

CA3094 Datasheet PDF - Intersil Corporation
Part # CA3094
Download  CA3094 Download
File Size   241.0 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30MHz, High Output Current Operational Transconductance Amplifier (OTA)

CA3094 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3094 Datasheet PDF - Intersil Corporation

Part # CA3094
Download  CA3094 Click to download

File Size   241.0 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30MHz, High Output Current Operational Transconductance Amplifier (OTA)

CA3094 Datasheet (HTML) - Intersil Corporation


CA3094 Product details

30MHz, High Output Current Operational Transconductance Amplifier (OTA)



The CA3094 is a differential input power control switch/amplifier with auxiliary circuit features for ease of

programmability. For example, an error or unbalance signal can be amplified by the CA3094 to provide an on-off signal or proportional control output signal up to 100mA. This signal is sufficient to directly drive high current thyristors, relays, DC loads, or power transistors.



Features

• CA3094E, M for Operation Up to 24V

• CA3094AT, E, M for Operation Up to 36V

• CA3094BT, M for Operation Up to 44V

• Designed for Single or Dual Power Supply

• Programmable: Strobing, Gating, Squelching, AGC Capabilities

• Can Deliver 3W (Average) or 10W (Peak) to External Load (in Switching Mode)

• High Power, Single Ended Class A Amplifier will Deliver Power Output of 0.6W (1.6W Device Dissipation)

• Total Harmonic Distortion (THD) at 0.6W in Class A Operation 1.4% (Typ)



Applications

• Error Signal Detector: Temperature Control with Thermistor Sensor; Speed Control for Shunt Wound DC

Motor

• Over Current, Over Voltage, Over Temperature Protectors

• Dual Tracking Power Supply with CA3085

• Wide Frequency Range Oscillator

• Analog Timer

• Level Detector

• Alarm Systems

• Voltage Follower

• Ramp Voltage Generator

• High Power Comparator

• Ground Fault Interrupter (GFI) Circuits




Similar Part No. - CA3094

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
CA3094A INTERSIL-CA3094A Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
CA3094AE INTERSIL-CA3094AE Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
CA3094AT INTERSIL-CA3094AT Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
CA3094B INTERSIL-CA3094B Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
More results


Similar Description - CA3094

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
October 2000
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com