Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3100 Datasheet (PDF) - Intersil Corporation

CA3100 Datasheet PDF - Intersil Corporation
Part # CA3100
Download  CA3100 Download
File Size   128.33 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 38MHz, Operational Amplifier

CA3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3100 Datasheet PDF - Intersil Corporation

Part # CA3100
Download  CA3100 Click to download

File Size   128.33 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 38MHz, Operational Amplifier

CA3100 Datasheet (HTML) - Intersil Corporation


CA3100 Product details

Description

The CA3100 is a large signal wideband, high speed operational amplifier which has a unity gain cross over

frequency (fT) of approximately 38MHz and an open loop, 3dB corner frequency of approximately 110kHz.



Features

High Open Loop Gain at Video

Frequencies . . . . . . . . . . . . . . . . . . 42dB (Typ) at 1MHz

Unity Gain

Crossover Frequency (fT) . . . . . . . . . . . . . 38MHz (Typ)

Full Power Bandwidth

VO = 18VP-P. . . . . . . . . . . . . . . . . . . . . . . 1.2MHz (Typ)

Slew Rate

  - 20dB Amplifier . . . . . . . . . . . . . . . . . . . . 70V/µs (Typ)

  - Unity Gain Amplifier. . . . . . . . . . . . . . . . 25V/µs (Typ)

Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 0.6µs (Typ)

Output Current . . . . . . . . . . . . . . . . . . . . . . ±15mA (Min)

Single Capacitor Compensation

Offset Null Terminals



Applications

Video Amplifiers

Fast Peak Detectors

Meter Driver Amplifiers

High Frequency Feedback Amplifiers

Video Pre-Drivers

Oscillators

Multivibrators

Voltage Controlled Oscillator

Fast Comparators




Similar Part No. - CA3100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
CA/MS A and B
CA3100A18-8S ITT-CA3100A18-8S Datasheet
4Mb / 34P
CA/MS A and B
More results


Similar Description - CA3100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
38MHz, Operational Amplifier
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com