Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3102 Datasheet (PDF) - Intersil Corporation

CA3102 Datasheet PDF - Intersil Corporation
Part # CA3102
Download  CA3102 Download
File Size   115.92 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz

CA3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3102 Datasheet PDF - Intersil Corporation

Part # CA3102
Download  CA3102 Click to download

File Size   115.92 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz

CA3102 Datasheet (HTML) - Intersil Corporation


CA3102 Product details

Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz



The CA3102 consists of two independent differential amplifiers with associated constant current transistors on a common monolithic substrate. The six transistors which comprise the amplifiers are general purpose devices which exhibit low 1/f noise and a value of fTin excess of 1GHz. These features make the CA3102 useful from DC to 500MHz. Bias and load resistors have been omitted to provide maximum application flexibility.



Features

• Power Gain 23dB (Typ) . . . . . . . . . . . . . . . . . . . . 200MHz

• Noise Figure 4.6dB (Typ) . . . . . . . . . . . . . . . . . . . 200MHz

• Two Differential Amplifiers on a Common Substrate

• Independently Accessible Inputs and Outputs

• Full Military Temperature Range . . . . . . .  -55oC to 125oC

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• VHF Amplifiers

• VHF Mixers

• Multifunction Combinations - RF/Mixer/Oscillator; Converter/IF

• IF Amplifiers (Differential and/or Cascode)

• Product Detectors

• Doubly Balanced Modulators and Demodulators

• Balanced Quadrature Detectors

• Cascade Limiters

• Synchronous Detectors

• Balanced Mixers

• Synthesizers

• Balanced (Push-Pull) Cascode Amplifiers

• Sense Amplifiers




Similar Part No. - CA3102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
271Kb / 11P
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
October 12, 2005
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
Circular Connectors
CA3102A10SL-8S ITT-CA3102A10SL-8S Datasheet
1Mb / 5P
Circular Connectors
More results


Similar Description - CA3102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FH103 SANYO-FH103 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
logo
Intersil Corporation
CA3102 INTERSIL-CA3102_05 Datasheet
271Kb / 11P
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
October 12, 2005
logo
Sanyo Semicon Device
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
Low-Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
Low Frequency Power Amplifier Applications
01-Nov-2007
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com