Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3183 Datasheet (PDF) - Intersil Corporation

CA3183 Datasheet PDF - Intersil Corporation
Part # CA3183
Download  CA3183 Download
File Size   121.72 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Voltage Transistor Arrays

CA3183 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3183 Datasheet PDF - Intersil Corporation

Part # CA3183
Download  CA3183 Click to download

File Size   121.72 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Voltage Transistor Arrays

CA3183 Datasheet (HTML) - Intersil Corporation


CA3183 Product details

High-Voltage Transistor Arrays

The CA3146A, CA3146, CA3183A, and CA3183 are general purpose high voltage silicon NPN transistor arrays on a common monolithic substrate.
Types CA3146A and CA3146 consist of five transistors with two of the transistors connected to form a differentially connected pair. These types are recommended for low power applications in the DC through VHF range. (CA3146A and CA3146 are high voltage versions of the popular predecessor type CA3046.)

Features
• Matched General Purpose Transistors
   - VBE Match . . . . . . . . . . . . . . . . . . . . . . . . ±5mV (Max)
• Operation from DC to 120MHz (CA3146, CA3146A)
• Low Noise Figure . . . . . . . . . . 3.2dB (CA3146, CA3146A)
• High IC . . . . . . . . . . . . 75mA (Max) (CA3183, CA3183A)

Applications
• General Use in Signal Processing Systems in DC through VHF Range
• Custom Designed Differential Amplifiers
• Temperature Compensated Amplifiers
• Lamp and Relay Drivers (CA3183, CA3183A)
• Thyristor Firing (CA3183, CA3183A)




Similar Part No. - CA3183

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3183 INTERSIL-CA3183 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
CA3183AE INTERSIL-CA3183AE Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
CA3183AM96 INTERSIL-CA3183AM96 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
CA3183E INTERSIL-CA3183E Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
CA3183M INTERSIL-CA3183M Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
More results


Similar Description - CA3183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
High-Voltage, High-Current Darlington Transistor Arrays
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com