Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3240 Datasheet (PDF) - Intersil Corporation

CA3240 Datasheet PDF - Intersil Corporation
Part # CA3240
Download  CA3240 Download
File Size   609.83 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output

CA3240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3240 Datasheet PDF - Intersil Corporation

Part # CA3240
Download  CA3240 Click to download

File Size   609.83 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output

CA3240 Datasheet (HTML) - Intersil Corporation


CA3240 Product details

The CA3240A and CA3240 are dual versions of the popular CA3140 series integrated circuit operational amplifiers. They combine the advantages of MOS and bipolar transistors on the same monolithic chip. The gate-protected MOSFET (PMOS) input transistors provide high input impedance and a wide common-mode input voltage range (typically to 0.5V below the negative supply rail). The bipolar output transistors allow a wide output voltage swing and provide a high output current capability.



Features

• Dual Version of CA3140

• Internally Compensated

• MOSFET Input Stage

- Very High Input Impedance (ZIN) 1.5TΩ (Typ)

- Very Low Input Current (II) 10pA (Typ) at ±15V

- Wide Common-Mode Input Voltage Range (VICR): Can Be Swung 0.5V Below Negative Supply Voltage Rail

• Directly Replaces Industry Type 741 in Most Applications

• Pb-Free Available (RoHS Compliant)



Applications

• Ground Referenced Single Amplifiers in Automobile and Portable Instrumentation

• Sample and Hold Amplifiers

• Long Duration Timers/Multivibrators (Microseconds Minutes-Hours)

• Photocurrent Instrumentation

• Intrusion Alarm System

• Active Filters

• Comparators

• Function Generators

• Instrumentation Amplifiers

• Power Supplies




Similar Part No. - CA3240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
SYC Electronica
CA3240 SYC-CA3240 Datasheet
716Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results


Similar Description - CA3240

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
May 2001
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com