Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3274 Datasheet (PDF) - Intersil Corporation

CA3274 Datasheet PDF - Intersil Corporation
Part # CA3274
Download  CA3274 Download
File Size   27.03 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Limiting Power Switch with Current Limiter Sense Flag

CA3274 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3274 Datasheet PDF - Intersil Corporation

Part # CA3274
Download  CA3274 Click to download

File Size   27.03 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Limiting Power Switch with Current Limiter Sense Flag

CA3274 Datasheet (HTML) - Intersil Corporation


CA3274 Product details

Description
The CA3274 is a controlled current switch and may be used in general purpose switching applications that require specified maximum levels of current. The functional block diagram of the CA3274 is shown and a typical application circuit is shown in Figure 1. An internal emitter follower has 200mA of source drive output capability. The Control Input is a Schmitt trigger buffer amplifier for noise immunity in the environments typical of industrial and automotive control systems.

Features
• Drive-Current Limiting at Output
• Current-Sense Buffer and Reference
• 200mA Driver Current Capability
• Logic-Level Control Input
• Current Limiting Flag Output
• 50dB Minimum PSRR
• 5µs Typical Switch Time
• Separate Signal and Power Grounds

Applications
• Solenoid Switch Driver
• Relay Driver
• Lamp Control Switch
• Ignition Coil Pre-Driver
• Constant Current Driver
• Current Limiting Switch
• Fault Output Sense Appliance
• Power Supply Fault Mode Control




Similar Part No. - CA3274

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
High-Side Driver
April 1994
More results


Similar Description - CA3274

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4832 MAXIM-MAX4832 Datasheet
357Kb / 12P
100mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
Smart Dual Current Sense Switch
V3.0 18.10.2004
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
High-Side Switch Controller with Current Limiting
2020
logo
AiT Semiconductor Inc.
A4788 AITSEMI-A4788 Datasheet
1Mb / 15P
POWER SWITCH 1.1A_2.1A_2.6A CURRENT LIMITED W/FLAG POWER SWITCH
REV1.0 - MAR 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com