Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3306 Datasheet (PDF) - Intersil Corporation

CA3306 Datasheet PDF - Intersil Corporation
Part # CA3306
Download  CA3306 Download
File Size   111.77 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Bit, 15 MSPS, Flash A/D Converters

CA3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3306 Datasheet PDF - Intersil Corporation

Part # CA3306
Download  CA3306 Click to download

File Size   111.77 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Bit, 15 MSPS, Flash A/D Converters

CA3306 Datasheet (HTML) - Intersil Corporation


CA3306 Product details

Description

The CA3306 family are CMOS parallel (FLASH) analog-to-digital converters designed for applications demanding both low power consumption and high speed digitization. Digitizing at 15MHz, for example, requires only about 50mW.



Features

• CMOS Low Power with Video Speed (Typ) . . . . .70mW

• Parallel Conversion Technique

• Signal Power Supply Voltage  . . . . . . . . . . .  3V to 7.5V

• 15MHz Sampling Rate with Single 5V Supply

• 6-Bit Latched Three-State Output with Overflow Bit

• Pin-for-Pin Retrofit for the CA3300



Applications

• TV Video Digitizing

• Ultrasound Signature Analysis

• Transient Signal Analysis

• High Energy Physics Research

• High Speed Oscilloscope Storage/Display

• General Purpose Hybrid ADCs

• Optical Character Recognition

• Radar Pulse Analysis

• Motion Signature Analysis

• Robot Vision




Similar Part No. - CA3306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3306 INTERSIL-CA3306 Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
CA3306A INTERSIL-CA3306A Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
CA3306C INTERSIL-CA3306C Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
CA3306CD INTERSIL-CA3306CD Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
CA3306CE INTERSIL-CA3306CE Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
More results


Similar Description - CA3306

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
6-Bit, 15 MSPS, Flash A/D Converter
December 1997
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
6-Bit, 30 MSPS Flash A/D Converter
June 1994
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converters
November 2002
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
6-Bit, 140 MSPS, Flash A/D Converter
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com