Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC50F2 Datasheet (PDF) - National Instruments Corporation

PC50F2 Datasheet PDF - National Instruments Corporation
Part # PC50F2_15
Download  PC50F2 Download
File Size   221.64 Kbytes
Page   2 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 50A Avg 200 Volts

PC50F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC50F2 Datasheet PDF - National Instruments Corporation

Part # PC50F2_15
Download  PC50F2 Click to download

File Size   221.64 Kbytes
Page   2 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 50A Avg 200 Volts

PC50F2 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - PC50F2_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
PC50F2 NIEC-PC50F2 Datasheet
29Kb / 2P
FRD MODULE 50A/200Vtrr:80nsec
logo
Kyocera Kinseki Corpota...
PC50F2 KSS-PC50F2 Datasheet
461Kb / 2P
Fast Recovery Diode
More results


Similar Description - PC50F2_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
PGH508AM NIEC-PGH508AM_1 Datasheet
236Kb / 3P
50A Avg 800 Volts
PGH5016AM NIEC-PGH5016AM_1 Datasheet
232Kb / 3P
50A Avg 1600 Volts
PT50S8 NIEC-PT50S8_1 Datasheet
281Kb / 2P
50A Avg 800 Volts
PT50S16 NIEC-PT50S16_1 Datasheet
284Kb / 2P
50A Avg 1600 Volts
logo
National Instruments Co...
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
30A Avg 200 Volts
P2H60QH20 NI-P2H60QH20_15 Datasheet
227Kb / 2P
60A Avg 200 Volts
PC50F4 NI-PC50F4_15 Datasheet
219Kb / 2P
50A Avg 400 Volts
PC50F6 NI-PC50F6_15 Datasheet
186Kb / 2P
50A Avg 600 Volts
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
100A Avg 200 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com