Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3318 Datasheet (PDF) - Intersil Corporation

CA3318 Datasheet PDF - Intersil Corporation
Part # CA3318
Download  CA3318 Download
File Size   86.96 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Video Speed, 8-Bit, Flash A/D Converter

CA3318 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3318 Datasheet PDF - Intersil Corporation

Part # CA3318
Download  CA3318 Click to download

File Size   86.96 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Video Speed, 8-Bit, Flash A/D Converter

CA3318 Datasheet (HTML) - Intersil Corporation


CA3318 Product details

Description
The CA3318 is a CMOS parallel (FLASH) analog-to-digital converter designed for applications demanding both low power consumption and high speed digitization.
The CA3318 operates over a wide full scale input voltage range of 4V up to 7.5V with maximum power consumption depending upon the clock frequency selected. When operated from a 5V supply at a clock frequency of 15MHz, the typical power consumption of the CA3318 is 150mW.

Features
• CMOS Low Power with SOS Speed (Typ) . . . . . . . .150mW
• Parallel Conversion Technique
• 15MHz Sampling Rate (Conversion Time). . . . . . . 67ns
• 8-Bit Latched Three-State Output with Overflow Bit
• Accuracy (Typ). . . . . . . . . . . . . . . . . . . . . . . . . . ±1 LSB
• Single Supply Voltage . . . . . . . . . . . . . . . . . . 4V to 7.5V
• 2 Units in Series Allow 9-Bit Output
• 2 Units in Parallel Allow 30MHz Sampling Rate

Applications
• TV Video Digitizing (Industrial/Security/Broadcast)
• High Speed A/D Conversion
• Ultrasound Signature Analysis
• Transient Signal Analysis
• High Energy Physics Research
• General-Purpose Hybrid ADCs
• Optical Character Recognition
• Radar Pulse Analysis
• Motion Signature Analysis
• µP Data Acquisition Systems




Similar Part No. - CA3318

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
CA3318CD INTERSIL-CA3318CD Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
CA3318CE INTERSIL-CA3318CE Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
CA3318CM INTERSIL-CA3318CM Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
More results


Similar Description - CA3318

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
8-bit 20MSPS Video A/D Converter (CMOS)
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Hitachi Semiconductor
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
8-Bit RGB video d/a converter
logo
Intersil Corporation
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
CMOS Video Speed, 8-Bit, Flash A/D Converter
November 2002
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com