Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3420 Datasheet (PDF) - Intersil Corporation

CA3420 Datasheet PDF - Intersil Corporation
Part # CA3420
Download  CA3420 Download
File Size   78.33 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers

CA3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3420 Datasheet PDF - Intersil Corporation

Part # CA3420
Download  CA3420 Click to download

File Size   78.33 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers

CA3420 Datasheet (HTML) - Intersil Corporation


CA3420 Product details

0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers



The CA3420A and CA3420 are integrated circuit operational amplifiers that combine PMOS transistors and bipolar transistors on a single monolithic chip. The CA3420A and CA3420 BiMOS operational amplifiers feature gate protected PMOS transistors in the input circuit to provide very high input impedance, very low input currents (less than 1pA).



Features

• 2V Supply at 300µA Supply Current

• 1pA Input Current (Typ) (Essentially Constant to 85oC)

• Rail-to-Rail Output Swing (Drive±2mA into 1kΩLoad)

• Pin Compatible with 741 Operational Amplifiers



Applications

• pH Probe Amplifiers

• Picoammeters

• Electrometer (High Z) Instruments

• Portable Equipment

• Inaccessible Field Equipment

• Battery-Dependent Equipment (Medical and Military)




Similar Part No. - CA3420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3420 INTERSIL-CA3420 Datasheet
216Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
October 4, 2005
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420E INTERSIL-CA3420E Datasheet
216Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
October 4, 2005
logo
Renesas Technology Corp
CA3420E RENESAS-CA3420E Datasheet
330Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420EZ INTERSIL-CA3420EZ Datasheet
216Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
October 4, 2005
More results


Similar Description - CA3420

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
October 4, 2005
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
December 21, 2005
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
December 8, 2009
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com