Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741 Datasheet (PDF) - Intersil Corporation

LM741 Datasheet PDF - Intersil Corporation
Part # LM741
Download  LM741 Download
File Size   72.12 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications

LM741 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM741 Datasheet PDF - Intersil Corporation

Part # LM741
Download  LM741 Click to download

File Size   72.12 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications

LM741 Datasheet (HTML) - Intersil Corporation


LM741 Product details

The CA1458, CA1558 (dual types); CA741C, CA741 (single types); high-gain operational amplifiers for use in military, industrial, and commercial applications.
These monolithic silicon integrated circuit devices provide output short circuit protection and latch-free operation. These types also feature wide common mode and differential mode signal ranges and have low offset voltage nulling capability when used with an appropriately valued potentiometer. A 10kΩ potentiometer is used for offset nulling types CA741C, CA741 (see Figure 1). Types CA1458, CA1558 have no specific terminals for offset nulling. Each type consists of a differential input amplifier that effectively drives a gain and level shifting stage having a complementary emitter follower output.

Features
• Input Bias Current . . . . . . . . . . . . . . . . . . . . 500nA (Max)
• Input Offset Current . . . . . . . . . . . . . . . . . . . 200nA (Max)

Applications
• Comparator
• Multivibrator
• DC Amplifier
• Summing Amplifier
• Integrator or Differentiator
• Narrow Band or Band Pass Filter




Similar Part No. - LM741

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
114Kb / 10P
Single Operational Amplifier
LM741 FAIRCHILD-LM741 Datasheet
183Kb / 10P
Single Operational Amplifier
logo
Seoul Semiconductor
LM741 SEOUL-LM741 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM741 SEOUL-LM741 Datasheet
360Kb / 13P
CYAN LAMP LED
More results


Similar Description - LM741

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
May 2001
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com