Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4007 Datasheet (PDF) - Intersil Corporation

CD4007 Datasheet PDF - Intersil Corporation
Part # CD4007
Download  CD4007 Download
File Size   104.81 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Complementary Pair Plus Inverter

CD4007 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4007 Datasheet PDF - Intersil Corporation

Part # CD4007
Download  CD4007 Click to download

File Size   104.81 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Complementary Pair Plus Inverter

CD4007 Datasheet (HTML) - Intersil Corporation


CD4007 Product details

Description

CD4007BMS types are comprised of three n-channel and three p-channel enhancement-type MOS transistors.



Features

• High-Voltage Type (20V Rating)

• Standardized Symmetrical Output Characteristics

• Medium Speed Operation

- tPHL, tPLH = 30 ns (typ) at 10V

• 100% Tested for Maximum Quiescent Current at 20V

• Meets All Requirements of JEDEC Tentative Standards No. 13B, “Standard Specifications for Description of “B” Series CMOS Devices”

• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range; 100nA at 18V and +25°C



Applications

• Extremely High-Input Impedance Amplifiers

• Shapers

• Inverters

• Threshold Detector

• Linear Amplifiers

• Crystal Oscillators




Similar Part No. - CD4007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007 TI-CD4007 Datasheet
238Kb / 11P
CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007 FAIRCHILD-CD4007 Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007 NSC-CD4007 Datasheet
100Kb / 4P
Dual Complementary Pair Plus Inverter
logo
List of Unclassifed Man...
CD4007 ETC2-CD4007 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
More results


Similar Description - CD4007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Sep-1988
logo
Texas Instruments
CD4007UB TI-CD4007UB Datasheet
238Kb / 11P
CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
Dual Complementary Pair plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
Dual Complementary Pair Plus Inverter
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Mar-2004
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com