Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40194BMS Datasheet (PDF) - Intersil Corporation

CD40194BMS Datasheet PDF - Intersil Corporation
Part # CD40194BMS
Download  CD40194BMS Download
File Size   129.88 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Bidirectional Universal Shift Register

CD40194BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40194BMS Datasheet PDF - Intersil Corporation

Part # CD40194BMS
Download  CD40194BMS Click to download

File Size   129.88 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Bidirectional Universal Shift Register

CD40194BMS Datasheet (HTML) - Intersil Corporation


CD40194BMS Product details

Description

The CD40104BMS is a universal shift register featuring parallel inputs, parallel outputs, SHIFT RIGHT and SHIFT LEFT serial inputs, and a high impedance third output state allowing the device to be used in bus organized systems.

In the parallel load mode (S0 and S1 are high), data is loaded into the associated flip-flop and appears at the output after the positive transition of the CLOCK input. During loading, serial data flow is inhibited. Shift right and shift left are accomplished synchronously on the positive clock edge with serial data entered at the SHIFT RIGHT and SHIFT LEFT serial inputs, respectively. Clearing the register is accomplished by setting both mode controls low and clocking the register. When the output enable input is low, all outputs assume the high impedance state.



Features

• High Voltage Type (20V Rating)

• Medium Speed fCL = 12MHz (typ.) at VDD = 10V

• Fully Static Operation

• Synchronous Parallel or Serial Operation

• Three State Outputs (CD40104BMS)

• Asynchronous Master Reset (CD40194BMS)

• 5V, 10V and 15V Parametric Ratings

• Standardized Symmetrical Output Characteristics

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



Applications

• Arithmetic Unit Bus Registers

• Serial/Parallel Conversions

• General Purpose Register for Bus Organized Systems

• General Purpose Registers



 




Similar Part No. - CD40194BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194B TI-CD40194B Datasheet
342Kb / 9P
CMOS 4-BIT BIDIRECTIONAL UNLVERSAL SHIFT REGISTER
CD40194B TI2-CD40194B Datasheet
395Kb / 10P
CMOS 4-Bit Bidirectional Universal Shift Register
Revised July 2003
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
CMOS 4-Bit Bidirectional Universal Shift Register
CD40194BE TI-CD40194BE Datasheet
342Kb / 9P
CMOS 4-BIT BIDIRECTIONAL UNLVERSAL SHIFT REGISTER
More results


Similar Description - CD40194BMS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
CMOS 4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
4-bit bidirectional universal shift register
December 1990
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com