Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40105 Datasheet (PDF) - Intersil Corporation

CD40105 Datasheet PDF - Intersil Corporation
Part # CD40105
Download  CD40105 Download
File Size   116.54 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS FIFO Register

CD40105 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40105 Datasheet PDF - Intersil Corporation

Part # CD40105
Download  CD40105 Click to download

File Size   116.54 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS FIFO Register

CD40105 Datasheet (HTML) - Intersil Corporation


CD40105 Product details

Features

• 4 Bits x 16 Words

• High Voltage Type (20V Rating)

• Independent Asynchronous Inputs and Outputs

• 3-State Outputs

• Expandable in Either Direction

• Status Indicators on Input and Output

• Reset Capability

• Standardized Symmetrical Output Characteristics

• 100% Tested for Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Over Full Package/Temperature Range)

   - 1V at VDD = 5V

   - 2V at VDD = 10V

   - 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



Applications

• Bit Rate Smoothing

• CPU/Terminal Buffering

• Data Communications

• Peripheral Buffering

• Line Printer Input Buffers

• Auto Dialers

• CRT Buffer Memories

• Radar Data Acquisition



 




Similar Part No. - CD40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD401056B TI1-CD401056B Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
CD40105B TI-CD40105B Datasheet
281Kb / 6P
CMOS FIFO REGISTER
CD40105B TI1-CD40105B Datasheet
451Kb / 9P
CMOS FIFO register
CD40105B TI2-CD40105B Datasheet
512Kb / 11P
CMOS FIFO Register
29-May-2025
More results


Similar Description - CD40105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40105B STMICROELECTRONICS-HCC40105B Datasheet
260Kb / 12P
FIFO REGISTER
Jun-1989
logo
Texas Instruments
CD40105B TI-CD40105B Datasheet
281Kb / 6P
CMOS FIFO REGISTER
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
LIFO/FIFO Buffer Register
logo
Texas Instruments
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
CMOS FIFO REGISTER
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
CMOS FIFO register
logo
Renesas Technology Corp
CD40105BMS RENESAS-CD40105BMS Datasheet
417Kb / 10P
CMOS FIFO Register
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com