Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40106 Datasheet (PDF) - Intersil Corporation

40106 Datasheet PDF - Intersil Corporation
Part # 40106
Download  40106 Download
File Size   75.87 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Schmitt Triggers

40106 Datasheet (PDF)

Go To PDF Page Download Datasheet
40106 Datasheet PDF - Intersil Corporation

Part # 40106
Download  40106 Click to download

File Size   75.87 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Hex Schmitt Triggers

40106 Datasheet (HTML) - Intersil Corporation


40106 Product details

Description

CD40106BMS consists of six Schmitt trigger circuits. Each circuit functions as an inverter with Schmitt trigger action on the input.



Features

• High Voltage Type (20V Rating)

• Schmitt Trigger Action with No External Components

• Hysteresis Voltage (Typ.)

- 0.9V at VDD = 5V

- 2.3V at VDD = 10V

- 3.5V at VDD = 15V

• Noise Immunity Greater than 50%

• No Limit on Input Rise and Fall Times

• Low VDD to VSS Current During Slow Input Ramp

• 100% Tested for Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25°C

• Standardized Symmetrical Output Characteristics

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”




Similar Part No. - 40106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
40106 TI1-40106 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
40106 UTC-40106 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
logo
Fairchild Semiconductor
40106 FAIRCHILD-40106 Datasheet
72Kb / 6P
Hex Schmitt Trigger
40106 FAIRCHILD-40106 Datasheet
71Kb / 6P
Hex Schmitt Trigger
logo
Ashcroft, Inc.
40106SS02TXCK6B150RF ASHCROFT-40106SS02TXCK6B150RF Datasheet
677Kb / 5P
106/206 In-Line Flanged Diaphragm Seals
RevB_06-25-21
More results


Similar Description - 40106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
HEX SCHMITT TRIGGERS
logo
Texas Instruments
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
CMOS HEX SCHMITT TRIGGERS
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
Hex Inverting Schmitt Triggers
logo
Texas Instruments
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com