Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT573TLB Datasheet (PDF) - Integrated Device Technology

IDT74FCT573TLB Datasheet PDF - Integrated Device Technology
Part # IDT74FCT573TLB
Download  IDT74FCT573TLB Download
File Size   182.41 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL TRANSPARENT LATCHES

IDT74FCT573TLB Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT573TLB Datasheet PDF - Integrated Device Technology

Part # IDT74FCT573TLB
Download  IDT74FCT573TLB Click to download

File Size   182.41 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL TRANSPARENT LATCHES

IDT74FCT573TLB Datasheet (HTML) - Integrated Device Technology


IDT74FCT573TLB Product details

DESCRIPTION:
The FCT373T/FCT2373T, FCT533T and FCT573T/FCT2573T are octal transparent latches built using an advanced dual metal CMOS technology. These octal latches have 3-state outputs and are intended for bus oriented applications. The flip-flops appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the set-up time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus output is in the high- impedance state.
The FCT2373T and FCT2573T have balanced drive outputs with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall timesreducing the need for external series terminating resistors. The FCT2xxxT parts are plug-in replacements for FCTxxxT parts.

FEATURES:
• Common features:
   – Low input and output leakage ≤1µA (max.)
   – CMOS power levels
   – True TTL input and output compatibility
      – VOH = 3.3V (typ.)
      – VOL = 0.3V (typ.)
   – Meets or exceeds JEDEC standard 18 specifications
   – Product available in Radiation Tolerant and Radiation Enhanced versions
   – Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
   – Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages
• Features for FCT373T/FCT533T/FCT573T:
   – Std., A, C and D speed grades
   – High drive outputs (-15mA IOH, 48mA IOL)
   – Power off disable outputs permit “live insertion”
• Features for FCT2373T/FCT2573T:
   – Std., A and C speed grades
   – Resistor output (-15mA IOH, 12mA IOL Com.)
                               (-12mA IOH, 12mA IOL Mil.)
   – Reduced system switching noise




Similar Part No. - IDT74FCT573TLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT573TLB IDT-IDT74FCT573TLB Datasheet
76Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
More results


Similar Description - IDT74FCT573TLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
Fast CMOS 16-Bit Transparent Latches
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
Octal Transparent Latches
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com