Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011BMS Datasheet (PDF) - Intersil Corporation

CD4011BMS Datasheet PDF - Intersil Corporation
Part # CD4011BMS
Download  CD4011BMS Download
File Size   109.33 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS NAND Gates

CD4011BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4011BMS Datasheet PDF - Intersil Corporation

Part # CD4011BMS
Download  CD4011BMS Click to download

File Size   109.33 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS NAND Gates

CD4011BMS Datasheet (HTML) - Intersil Corporation


CD4011BMS Product details

Description
CD4011BMS, CD4012BMS, and CD4023BMS NAND gates provide the system designer with direct implementation of the NAND function and supplement the existing family of CMOS gates. All inputs and outputs are buffered.

CD4011BMS - Quad 2 Input
CD4012BMS - Dual 4 Input
CD4023BMS - Triple 3 Input

Features
• High-Voltage Types (20V Rating)
• Propagation Delay Time = 60ns (typ.) at CL = 50pF,VDD = 10V
• Buffered Inputs and Outputs
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Noise Margin (Over Full Package Temperature Range):
   - 1V at VDD = 5V
   - 2V at VDD = 10V
   - 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standards No. 13B, “Standard Specifications for Description of “B” Series CMOS Device’s




Similar Part No. - CD4011BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
CMOS NAND Gates
November 1994
More results


Similar Description - CD4011BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
CMOS NAND GATES
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
CMOS NAND Gates
November 1994
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com