Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4016BMS Datasheet (PDF) - Intersil Corporation

CD4016BMS Datasheet PDF - Intersil Corporation
Part # CD4016BMS
Download  CD4016BMS Download
File Size   201.08 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Bilateral Switch

CD4016BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4016BMS Datasheet PDF - Intersil Corporation

Part # CD4016BMS
Download  CD4016BMS Click to download

File Size   201.08 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Bilateral Switch

CD4016BMS Datasheet (HTML) - Intersil Corporation


CD4016BMS Product details

Description

CD4016BMS Series types are quad bilateral switches intended for the transmission or multiplexing of analog or digital signals. Each of the four independent bilateral switches has a single control signal input which simultaneously biases both the p and n device in a given switch on or off.



Features

• Transmission or Multiplexing of Analog or Digital Signals

• High Voltage Type (20V Rating)

• 20V Digital or±10V Peak-to-Peak Switching

• 280ΩTypical On-State Resistance for 15V Operation

• Switch On-State Resistance Matched to Within 10Ω Typ. Over 15V Signal Input Range

• High On/Off Output Voltage Ratio: 65dB Typ. at FIS = 10kHz, RL = 10kΩ

• High Degree of Linearity: <0.5% Distortion Typ. at FIS = 1kHz, VIS = 5Vp-p, VDD-VSS≥10V, RL = 10kΩ

• Extremely Low Off State Switch Leakage Resulting in Very Low Offset Current and High Effective Off State Resistance: 100pA Typ. at VDD-VSS = 18V, TA= 25°C

• Extremely High Control Input Impedance (Control circuit Isolated from Signal Circuit: 1012 ΩTyp.

• Low Crosstalk Between Switches: -50dB Typ. at FIS = 0.9MHz, RL = 1kΩ

• Matched Control Input to Signal Output Capacitance: Reduces Output Signal Transients

• Frequency Response, Switch On = 40MHz (Typ.)

• 100% Tested for Quiescent Current at 20V

• Maximum Control Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V at +25°C

• 5V, 10V and 15V Parametric Ratings




Similar Part No. - CD4016BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
262Kb / 6P
CMOS QUAD BILATERAL SWITCH
logo
National Semiconductor ...
CD4016BM NSC-CD4016BM Datasheet
168Kb / 8P
Quad Bilateral Switch
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
983Kb / 18P
CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
994Kb / 19P
CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
1Mb / 18P
CMOS Quad Bilateral Switch
More results


Similar Description - CD4016BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
CMOS Quad Bilateral Switch
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
CMOS Quad Bilateral Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com