Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5NJ5305SCX Datasheet (PDF) - International Rectifier

IRF5NJ5305SCX Datasheet PDF - International Rectifier
Part # IRF5NJ5305SCX
Download  IRF5NJ5305SCX Download
File Size   120.82 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)

IRF5NJ5305SCX Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5NJ5305SCX Datasheet PDF - International Rectifier

Part # IRF5NJ5305SCX
Download  IRF5NJ5305SCX Click to download

File Size   120.82 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)

IRF5NJ5305SCX Datasheet (HTML) - International Rectifier


IRF5NJ5305SCX Product details

HEXFET® POWER MOSFET SURFACE MOUNT (SMD-0.5)

Fifth Generation HEXFET® power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon unit area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.
These devices are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high-energy pulse circuits.

Features:
● Low RDS(on)
● Avalanche Energy Ratings
● Dynamic dv/dt Rating
● Simple Drive Requirements
● Ease of Paralleling
● Hermetically Sealed
● Surface Mount
● Light Weight




Similar Part No. - IRF5NJ5305SCX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
120Kb / 7P
Avalanche Energy Ratings
IRF5NJ5305 IRF-IRF5NJ5305_15 Datasheet
120Kb / 7P
Avalanche Energy Ratings
More results


Similar Description - IRF5NJ5305SCX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRL5NJ024 IRF-IRL5NJ024 Datasheet
115Kb / 7P
LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7404 IRF-IRL5NJ7404 Datasheet
116Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7413 IRF-IRL5NJ7413 Datasheet
165Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V, N-CHANNEL
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NA2907SCV IRF-IRF7NA2907SCV Datasheet
114Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com