Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF66191PBF Datasheet (PDF) - International Rectifier

IRF66191PBF Datasheet PDF - International Rectifier
Part # IRF66191PBF
Download  IRF66191PBF Download
File Size   287.67 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Profile (0.7 mm)

IRF66191PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF66191PBF Datasheet PDF - International Rectifier

Part # IRF66191PBF
Download  IRF66191PBF Click to download

File Size   287.67 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Low Profile (0.7 mm)

IRF66191PBF Datasheet (HTML) - International Rectifier




Similar Part No. - IRF66191PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6619 IRF-IRF6619 Datasheet
292Kb / 9P
DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
295Kb / 10P
DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
296Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6619TR1PBF IRF-IRF6619TR1PBF Datasheet
296Kb / 10P
Ideal for CPU Core DC-DC Converters
More results


Similar Description - IRF66191PBF

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1141C STANLEY-1141C Datasheet
288Kb / 15P
1608 (h=0.7 mm) Type White LED
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
0.7-1.2 GHz Low Noise Amplifier
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
2.0 mm low profile
logo
SHINMEI ELECTRIC CO., L...
TSW-6 SHINMEI-TSW-6 Datasheet
191Kb / 4P
Height 0.7/0.8mm, Low-profile Type Tactile Switches
logo
WAGO Kontakttechnik Gmb...
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-1492 WAGO-2000-1492 Datasheet
98Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
End plate; 0.7 mm thick; gray
24.11.2021
2000-2292 WAGO-2000-2292 Datasheet
53Kb / 3P
End plate; 0.7 mm thick; orange
24.11.2021
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com