Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4019BMS Datasheet (PDF) - Intersil Corporation

CD4019BMS Datasheet PDF - Intersil Corporation
Part # CD4019BMS
Download  CD4019BMS Download
File Size   112.35 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad AND/OR Select Gate

CD4019BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4019BMS Datasheet PDF - Intersil Corporation

Part # CD4019BMS
Download  CD4019BMS Click to download

File Size   112.35 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad AND/OR Select Gate

CD4019BMS Datasheet (HTML) - Intersil Corporation


CD4019BMS Product details

Description
CD4019BMS types consist of four AND/OR select gate configurations, each consisting of two 2-input AND gates driving a single 2-input OR gate. Selection is accomplished by control bits Ka and Kb. In addition to selection of either channel A or channel B information, the control bits can be applied simultaneously to accomplish the logical A + B function.

Features
• High Voltage Type (20V Rating)
• Medium Speed Operation tPHL = tPLH = 60ns (typ.) at CL = 50pF, VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”
• Maximum Input Current of 1µa at 18V Over Full Package-Temperature Range;
    - 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V

Applications
• And/Or Select Gating
• Shift-Right/Shift-Left Registers
• True/Complement Selection
• AND/OR/Exclusive-OR Selection




Similar Part No. - CD4019BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
Quad AND-OR Select Gate
logo
Texas Instruments
CD4019BM TI-CD4019BM Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
CD4019BM TI1-CD4019BM Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4019BM TI2-CD4019BM Datasheet
925Kb / 20P
CMOS Quaa AND/OR Select Gate High-Voltage Types (20-Volt Rating)
Revised October 2003
CD4019BM96 TI-CD4019BM96 Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
More results


Similar Description - CD4019BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
Quad AND/OR Select Gate
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
Quad AND-OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
Quad AND-OR Select Gate
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
QUAD AND OR SELECT GATE
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
Quad AND/OR Select Gate
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
QUAD AND/OR SELECT GATE
Sep-2001
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com