Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4030 Datasheet (PDF) - Intersil Corporation

CD4030 Datasheet PDF - Intersil Corporation
Part # CD4030
Download  CD4030 Download
File Size   59.66 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Exclusive-OR Gate

CD4030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4030 Datasheet PDF - Intersil Corporation

Part # CD4030
Download  CD4030 Click to download

File Size   59.66 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Exclusive-OR Gate

CD4030 Datasheet (HTML) - Intersil Corporation


CD4030 Product details

Description
The CD4030BMS types consist of four independent Exclusive-OR gates. The CD4030BMS provides the system designer with a means for direct implementation of the Exclusive-OR function.

Features
• High Voltage Type (20V Rating)
• Medium-Speed Operation
    - tPHL, tPLH = 65ns (typ) at VDD = 10V, CL = 50pF
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current Of 1µA at 18V Over Full Package-Temperature Range;
    - 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
    - 1V at VDD = 5V
    - 2V at VDD = 10V
    - 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Even and Odd-Parity Generators and Checkers
• Logical Comparators
• Adders/Subtractors
• General Logic Functions




Similar Part No. - CD4030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030 TI-CD4030 Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
CD4030 FAIRCHILD-CD4030 Datasheet
45Kb / 5P
Quad EXCLUSIVE-OR Gate
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4030B TI1-CD4030B Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
More results


Similar Description - CD4030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com