Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4041UBMS Datasheet (PDF) - Intersil Corporation

CD4041UBMS Datasheet PDF - Intersil Corporation
Part # CD4041UBMS
Download  CD4041UBMS Download
File Size   105.79 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad True/Complement Buffer

CD4041UBMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4041UBMS Datasheet PDF - Intersil Corporation

Part # CD4041UBMS
Download  CD4041UBMS Click to download

File Size   105.79 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad True/Complement Buffer

CD4041UBMS Datasheet (HTML) - Intersil Corporation


CD4041UBMS Product details

CD4041UBMS types are quad true/complement buffers consisting of n- and p- channel units having low channel resistance and high current (sourcing and sinking) capability. The CD4041UBMS is intended for use as a buffer, line driver, or CMOS-to-TTL driver. It can be used as an ultra-low power resistor-network driver for A/D and D/A conversion, as a transmission-line driver, and in other applications where high noise immunity and low power dissipation are primary design requirements.



Features

• High Voltage Type (20V Rating)

• Balanced Sink and Source Current; Approximately 4 Times Standard “B” Drive

• Equalized Delay to True and Complement Outputs

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range;

- 100nA at 18V and +25oC

• 5V, 10V and 15V Parametric Ratings

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specificationsfor Description of

‘B’ Series CMOS Devices”



Applications

• High Current Source/Sink Driver

• CMOS-to-DTL/TTL Converter Buffer

• Display Driver

• MOS Clock Driver

• Resistor Network Driver (Ladder or Weighted R)

• Buffer

• Transmission Line Driver




Similar Part No. - CD4041UBMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4041UBM TI-CD4041UBM Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
CD4041UBM TI1-CD4041UBM Datasheet
872Kb / 14P
CMOS Quad True/Complement Buffer
CD4041UBM TI2-CD4041UBM Datasheet
919Kb / 19P
CMOS Quad True/Complement Buffer
Revised September 2003
CD4041UBM96 TI1-CD4041UBM96 Datasheet
864Kb / 14P
CMOS Quad True/Comlement Buffer
CD4041UBM96 TI-CD4041UBM96 Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
More results


Similar Description - CD4041UBMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4041B PHILIPS-HEF4041B Datasheet
31Kb / 4P
Quadruple true/complement buffer
January 1995
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
QUAD TRUE/COMPLEMENT BUFFER
Jun-1989
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
CMOS QUAD TRUE/COMPLEMENT BUFFER
logo
National Semiconductor ...
CD4041UB NSC-CD4041UB Datasheet
118Kb / 6P
Quad True/Complement Buffer
logo
Intersil Corporation
CD4041BMS INTERSIL-CD4041BMS Datasheet
107Kb / 7P
CMOS Quad True/Complement Buffer
December 1992
logo
Micro Electronics
MMC4041 MICRO-ELECTRONICS-MMC4041 Datasheet
91Kb / 3P
QUAD TRUE / COMPLEMENT BUFFER
logo
STMicroelectronics
HCF4041UB STMICROELECTRONICS-HCF4041UB Datasheet
175Kb / 8P
QUAD TRUE/COMPLEMENT BUFFER
Sep-2001
logo
Texas Instruments
CD4041UB TI-CD4041UB_12 Datasheet
864Kb / 14P
CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UBF3A TI-CD4041UBF3A Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
CMOS Quad True/Complement Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com