Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4063BMS Datasheet (PDF) - Intersil Corporation

CD4063BMS Datasheet PDF - Intersil Corporation
Part # CD4063BMS
Download  CD4063BMS Download
File Size   98.24 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Magnitude Comparator

CD4063BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4063BMS Datasheet PDF - Intersil Corporation

Part # CD4063BMS
Download  CD4063BMS Click to download

File Size   98.24 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Magnitude Comparator

CD4063BMS Datasheet (HTML) - Intersil Corporation


CD4063BMS Product details

Description

CD4063BMS is a 4-bit magnitude comparator designed for use in computer and logic applications that require the comparison of two 4-bit words. This logic circuit determines whether one 4-bit word (Binary or BCD) is “less than”, “equal to”, or “greater than” a second 4-bit word.



Features

• High Voltage Type (20V Rating)

• Expansion to 8, 12, 16 . . . 4N Bits by Cascading Units

• Medium Speed Operation

  - Compares Two 4-Bit Words in 250ns (Typ.) at 10V

• 100% Tested for Quiescent Current at 20V

• Standardized Symmetrical Output Characteristics

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Full Package Temperature Range)

 - 1V at VDD = 5V

 - 2V at VDD = 10V

 - 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of

‘B’ Series CMOS Devices”



Applications

• Servo Motor Controls

• Process Controllers




Similar Part No. - CD4063BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results


Similar Description - CD4063BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI-CD4585B Datasheet
221Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
CMOS 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com