Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4532BMS Datasheet (PDF) - Intersil Corporation

CD4532BMS Datasheet PDF - Intersil Corporation
Part # CD4532BMS
Download  CD4532BMS Download
File Size   88.11 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Priority Encoder

CD4532BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4532BMS Datasheet PDF - Intersil Corporation

Part # CD4532BMS
Download  CD4532BMS Click to download

File Size   88.11 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Priority Encoder

CD4532BMS Datasheet (HTML) - Intersil Corporation


CD4532BMS Product details

Description
CD4532BMS consists of combinational logic that encodes the highest priority input (D7 - D0) to a 3-bit binary code. The eight inputs, D7 through D0, each have an assigned priority; D7 is the highest priority and D0 is the lowest. The priority encoder is inhibited when the chip-enable input E1 is low. When E1 is high, the binary representation of the highestpriority input appears on output lines Q2 - Q0, and the group select line GS is high to indicate that priority inputs are present. The enable-out (EO) is high when no priority inputs are present. If any one input is high, EO is low and all cascaded lower-order stages are disabled.

Features
• High Voltage Type (20V Rating)
• Converts From 1 of 8 to Binary
• Provides Cascading Feature to Handle Any Number of Inputs
• Group Select Indicates One or More Priority Inputs
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
    - 0.5V at VDD = 5V
    - 1.5V at VDD = 10V
    - 1.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Priority Encoder
• Binary or BCD Encoder (Keyboard Encoding)
• Floating Point Arithmetic




Similar Part No. - CD4532BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4532BM TI-CD4532BM Datasheet
539Kb / 11P
CMOS 8-Bit Priority Encoder
CD4532BM TI1-CD4532BM Datasheet
1Mb / 17P
CMOS 8-BIT PRUIRUTY ENCODER
CD4532BM TI1-CD4532BM Datasheet
1Mb / 16P
Cmos 8-Bit Priorlty Encoder
CD4532BM TI2-CD4532BM Datasheet
914Kb / 20P
CMOS 8-Bit Priority Encoder
Revised October 2003
CD4532BM96 TI-CD4532BM96 Datasheet
539Kb / 11P
CMOS 8-Bit Priority Encoder
More results


Similar Description - CD4532BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
8-Input Priority Encoder
REV 5
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
8-input priority encoder
1990 Mar 01
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
8-bit Priority Encoder
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
CMOS 8-Bit Priority Encoder
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
8-BIT PRIORITY ENCODER
07-May-2004
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
8-Bit Priority Encoder
July, 2014 ??Rev. 9
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com