Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4536BMS Datasheet (PDF) - Intersil Corporation

CD4536BMS Datasheet PDF - Intersil Corporation
Part # CD4536BMS
Download  CD4536BMS Download
File Size   147.54 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Programmable Timer

CD4536BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4536BMS Datasheet PDF - Intersil Corporation

Part # CD4536BMS
Download  CD4536BMS Click to download

File Size   147.54 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Programmable Timer

CD4536BMS Datasheet (HTML) - Intersil Corporation


CD4536BMS Product details

Description
CD4536BMS is a programmable timer consisting of 24 ripple binary counter stages. The salient feature of this device is its flexibility.
   
Features
• High Voltage Type (20V Rating)
• 24 Flip-Flop Stage - Counts from 20 to 224
• Last 16 Stages Selectable by BCD Select Code
• Bypass Input Allows Bypassing First 8 Stages
• On-Chip RC Oscillator Provision
• Clock Inhibit Input
• Schmitt Trigger in clock Line Permits Operation with
    Very Long Rise and Fall Times
• On-Chip Monostable Output Provision
• Typical fCL = 3MHz at VDD = 10V
• Test Mode Allows Fast Test Sequence
• Set and Reset Inputs
• Capable of Driving Two Low Power TTL Loads, One
    Lower Power Schottky Load, or Two HTL Loads Over
    the Rated Temperature Range
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
    No. 13B, “Standard Specifications for Description of
    ‘B’ Series CMOS Devices”
   




Similar Part No. - CD4536BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4536B TI-CD4536B Datasheet
415Kb / 9P
CMOS PROGRAMMABLE TIMER
CD4536B TI1-CD4536B Datasheet
1Mb / 20P
CMOS Programmable Timer
CD4536B-MIL TI1-CD4536B-MIL Datasheet
1Mb / 20P
CMOS Programmable Timer
logo
Tyco Electronics
CD4536BDW MACOM-CD4536BDW Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4536BDW TI-CD4536BDW Datasheet
1Mb / 21P
CMOS Programmable Timer
More results


Similar Description - CD4536BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4536B TI-CD4536B Datasheet
415Kb / 9P
CMOS PROGRAMMABLE TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
PROGRAMMABLE TIMER CMOS IC
logo
Intersil Corporation
82C54 INTERSIL-82C54_05 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
CMOS Programmable Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com