Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4520 Datasheet (PDF) - Intersil Corporation

CD4520 Datasheet PDF - Intersil Corporation
Part # CD4520
Download  CD4520 Download
File Size   112.68 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Up Counters

CD4520 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4520 Datasheet PDF - Intersil Corporation

Part # CD4520
Download  CD4520 Click to download

File Size   112.68 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Dual Up Counters

CD4520 Datasheet (HTML) - Intersil Corporation


CD4520 Product details

Description
CD4518BMS Dual BCD Up Counter and CD4520BMS Dual Binary Up Counter each consist of two identical, internally synchronous 4-stage counters. The counter stages are D-type flip-flops having interchangeable CLOCK and ENABLE lines for incrementing on either the positive-going or negative-going transition. For single unit operation the ENABLE input is maintained high and the counter advances on each positive-going transition of the CLOCK. The counters are cleared by high levels on their RESET lines.
The counter can be cascaded in the ripple mode by connecting Q4 to the enable input of the subsequent counter while the CLOCK input of the latter is held low.

Features
• High Voltage Types (20V Rating)
• CD4518BMS Dual BCD Up Counter
• CD4520BMS Dual Binary Up Counter
• Medium Speed Operation
   - 6MHz Typical Clock Frequency at 10V
• Positive or Negative Edge Triggering
• Synchronous Internal Carry Propagation
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1µA at 18V Over Full Package
   Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
   - 1V at VDD = 5V
   - 2V at VDD = 10V
   - 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
   No. 13B, “Standard Specifications for Description of
   ‘B’ Series CMOS Devices”

Applications
• Multistage Synchronous Counting
• Multistage Ripple Counting
• Frequency Dividers




Similar Part No. - CD4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4520 TI-CD4520 Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
logo
List of Unclassifed Man...
CD4520 ETC2-CD4520 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4520 SYC-CD4520 Datasheet
586Kb / 11P
CMOS Dual Up-Counters
logo
Texas Instruments
CD4520B TI-CD4520B Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
CD4520B TI-CD4520B Datasheet
1Mb / 19P
CMOS Dual Up-Counters
More results


Similar Description - CD4520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
CMOS DUAL UP COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
DUAL UP-COUNTERS
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
Dual Up Counters
January, 2006 ??Rev. 5
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
Cmos Dual Up-Counters
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
Dual Up Counters
July, 2014 ??Rev. 8
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com