Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0-9 Datasheet (PDF) - 3M Electronics

0-9 Datasheet PDF - 3M Electronics
Part # 0-9
Download  0-9 Download
File Size   44.41 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description STD Tape Dispenser SDR Wire Marking Tape

0-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
0-9 Datasheet PDF - 3M Electronics

Part # 0-9
Download  0-9 Click to download

File Size   44.41 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description STD Tape Dispenser SDR Wire Marking Tape

0-9 Datasheet (HTML) - 3M Electronics


0-9 Product details

Features
■ –40°F to 250°F Range (–40°C to 121°C) Storage Temperature 80°F (26°C) (Relative Humidity) 25–50% Tape Roll Width 0.215 inches (5,46 mm) Tape Roll Length 96 inches (2,43 m) Number of Characters 6 per inch (6 per 2,54 cm) Tape Thickness 3 mils (0,08mm) Adhesion to Steel 25 oz./inch width ( ASTM D–1000) (273 Newtons/Meters) Adhesion to Backing 10 oz./inch width ( ASTM D–1000) (109 Newtons/Meters) Engineering Specification: Wire marking tape shall be polyester tape, 3 mils (0,08mm) thick, with acrylic pressure sensitive adhesive. The tape will be in a roll 0.215 inches (5,46mm) wide and 96 inches (2,43m) long, wound on a .38 inch (9,65mm) dia. plastic core. There will be six ( 6 ) characters per inch of tape. These rolls will be used with 3M ScotchCode STD tape dispensers and shall be manufactured by 3M. PRODUCT DESCRIPTION PRINTING ON ROLL SDR–0 ScotchCode 0 SDR–1 Wire Marking Tape 1 thru thru SDR–9 9 SDR–0–9 0–9 consecutive 1 number/roll SDR–10–19 10–19 consecutive 1 number/roll thru thru SDR–90–99 90–99 consecutive 1 number/roll SDR–A A thru thru SDR–Z Z SDR–L1 L1 SDR–L2 L2 SDR–L3 L3 SDR–T1 T1 SDR–T2 T2 SDR–T3 T3 SDR + (Plus) +
■ SDR – (Minus)
■ This tape is also avaibile in ten colors. Color of Roll SDR–BK BLACK SDR–BL BLUE SDR–BN BROWN SDR–GN GREEN SDR–GY GRAY SDR–OR ORANGE SDR–RD RED SDR–VL VIOLET SDR–WH WHITE SDR–YL YELLOW
■ SDR–MC
■ Includes one roll of each of the above colors. STD–0–9 dispenser filled with numbers 0 thru 9 STD–C dispenser filled with all ten colors STD empty dispenser




Similar Part No. - 0-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-9 TEC-0-9 Datasheet
154Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
0-91047-1 MACOM-0-91047-1 Datasheet
216Kb / 2P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
0-91047-2 MACOM-0-91047-2 Datasheet
216Kb / 2P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
0-91047-3 MACOM-0-91047-3 Datasheet
216Kb / 2P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
0-91047-5 MACOM-0-91047-5 Datasheet
216Kb / 2P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
More results


Similar Description - 0-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81802 ETC2-81802 Datasheet
39Kb / 1P
AISLE MARKING TAPE, STATIC SENSITIVE AREA
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
List of Unclassifed Man...
HP3EEWBGB9 ETC2-HP3EEWBGB9 Datasheet
341Kb / 69P
TAPE WRAPPED INSULATED WIRE
logo
3M Electronics
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
767 3M-767 Datasheet
131Kb / 5P
3M??Hazard Marking Vinyl Tape 767
971 3M-971 Datasheet
162Kb / 6P
3M™ Ultra Durable Floor Marking Tape 971
May-2018
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com