Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWHW2-16A-0102-T-R Datasheet (PDF) - Assmann Electronics Inc.

AWHW2-16A-0102-T-R Datasheet PDF - Assmann Electronics Inc.
Part # AWHW2-16A-0102-T-R
Download  AWHW2-16A-0102-T-R Download
File Size   66.93 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IDC Box Header Right Angle - 2.00MM Pitch

AWHW2-16A-0102-T-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWHW2-16A-0102-T-R Datasheet PDF - Assmann Electronics Inc.

Part # AWHW2-16A-0102-T-R
Download  AWHW2-16A-0102-T-R Click to download

File Size   66.93 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IDC Box Header Right Angle - 2.00MM Pitch

AWHW2-16A-0102-T-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AWHW2-16A-0102-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWHW2-16A-0202 ASSMANN-AWHW2-16A-0202 Datasheet
97Kb / 1P
ASS 2318 CO
More results


Similar Description - AWHW2-16A-0102-T-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5S26AG1 DUBILIER-DBCIDCC5S26AG1 Datasheet
78Kb / 1P
IDC BOX HEADER SMT 2.00mm
DBCIDCC410AG1 DUBILIER-DBCIDCC410AG1 Datasheet
101Kb / 1P
IDC BOX HEADER RIGHT ANGLE
DBCIDCC610AG1 DUBILIER-DBCIDCC610AG1 Datasheet
92Kb / 1P
IDC BOX HEADER RIGHT ANGLE
DBCIDCC4326BG1 DUBILIER-DBCIDCC4326BG1 Datasheet
82Kb / 1P
IDC BOX HEADER RIGHT ANGLE 1.27mm
logo
Assmann Electronics Inc...
AWHW2-06A-0102-T-R ASSMANN-AWHW2-06A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-08A-0102-T-R ASSMANN-AWHW2-08A-0102-T-R Datasheet
67Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-14A-0102-T-R ASSMANN-AWHW2-14A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-20A-0102-T-R ASSMANN-AWHW2-20A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle
AWHW2-24A-0102-T-R ASSMANN-AWHW2-24A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-26A-0102-T-R ASSMANN-AWHW2-26A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com