Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1020 Datasheet (PDF) - Intersil Corporation

CDP1020 Datasheet PDF - Intersil Corporation
Part # CDP1020
Download  CDP1020 Download
File Size   154.4 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus/I2C ACPI Dual Device Bay Controller

CDP1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1020 Datasheet PDF - Intersil Corporation

Part # CDP1020
Download  CDP1020 Click to download

File Size   154.4 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus/I2C ACPI Dual Device Bay Controller

CDP1020 Datasheet (HTML) - Intersil Corporation


CDP1020 Product details

The CDP1020 is an ACPI compliant Device Bay Controller (DBC) that can control two device bays. The controller interfaces to the host system through the industry standard I2C or System Management Bus (SMBus) and is fully compliant with Device Bay Specification 0.90. The CDP1020 is designed to be compatible with the integrated SMBus host controller of the PiiX4/PiiX6 in Intel Architecture platforms.

Features
• Fully Compliant with Device Bay Specification 0.90 and ACPI Specification 1.0
• Industry Standard SMBus/I2C Interface
• Controls for Two Device Bays
• Onboard Level Shifting for Direct Drive of N-Channel MOSFET VID Switches
• Integrated Pull-up Resistors on 1394PRx, USBPRx, SECUREx, and REMREQx Inputs
• RC Type Oscillator - Low Cost and Low Power Consumption
• Operational Voltage from 3.3 to 5.5V
• “5V Tolerant” Inputs at all Operating Voltages
• Write-Once BIOS/External Configuration
• Removal Request Input for Each Bay
• Security Lock Input for Each Bay
• High Current Device Bay LED Indicator Drivers With Separate High-Side Power Input
• Configurable Level/Pulse Bay Solenoid Drivers
• Programmable Insertion Time Out Delay
• HCMOS Technology; 28 Lead Plastic SOIC




Similar Part No. - CDP1020

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
High-performance chain drives
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A Datasheet
115Kb / 27P
CMOS 8-Bit Microprocessors
March 1997
CDP1802A INTERSIL-CDP1802A Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802AC INTERSIL-CDP1802AC Datasheet
115Kb / 27P
CMOS 8-Bit Microprocessors
March 1997
CDP1802AC INTERSIL-CDP1802AC Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
More results


Similar Description - CDP1020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
ACPI Dual Switch Controller
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
ACPI Dual Switch Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
ACPI CardBus Controller
DBC98C51 ETC1-DBC98C51 Datasheet
1Mb / 31P
SMBus Device Bay Controller
logo
Linear Technology
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
Dual I2C/SMBus Address Translator
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
I2C/SMBUS/PMBUS Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com