Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802BC Datasheet (PDF) - Intersil Corporation

CDP1802BC Datasheet PDF - Intersil Corporation
Part # CDP1802BC
Download  CDP1802BC Download
File Size   115.68 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Microprocessors

CDP1802BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1802BC Datasheet PDF - Intersil Corporation

Part # CDP1802BC
Download  CDP1802BC Click to download

File Size   115.68 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Bit Microprocessors

CDP1802BC Datasheet (HTML) - Intersil Corporation


CDP1802BC Product details

Description
The CDP1802 family of CMOS microprocessors are 8-bit register oriented central processing units (CPUs) designed for use as general purpose computing or control elements in a wide range of stored program systems or products.
The CDP1802 types include all of the circuits required for fetching, interpreting, and executing instructions which have been stored in standard types of memories. Extensive input/output (I/O) control features are also provided to facilitate system design.
The 1800 series architecture is designed with emphasis on the total microcomputer system as an integral entity so that systems having maximum flexibility and minimum cost can be realized. The 1800 series CPU also provides a synchronous interface to memories and external controllers for I/O devices, and minimizes the cost of interface controllers. Further, the I/O interface is capable of supporting devices operating in polled, interrupt driven, or direct memory access modes.

Features
• Maximum Input Clock Maximum Frequency Options
   At VDD = 5V
   - CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . 3.2MHz
   - CDP1802BC . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0MHz
• Maximum Input Clock Maximum Frequency Options
   At VDD = 10V
   - CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . 6.4MHz
• Minimum Instruction Fetch-Execute Times
   At VDD = 5V
   - CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0µs
   - CDP1802BC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2µs
• Any Combination of Standard RAM and ROM Up to
   65,536 Bytes
• 8-Bit Parallel Organization With Bidirectional Data Bus
   and Multiplexed Address Bus
• 16 x 16 Matrix of Registers for Use as Multiple
   Program Counters, Data Pointers, or Data Registers
• On-Chip DMA, Interrupt, and Flag Inputs
• Programmable Single-Bit Output Port
• 91 Easy-to-Use Instructions




Similar Part No. - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802BC INTERSIL-CDP1802BC Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCDX INTERSIL-CDP1802BCDX Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCE INTERSIL-CDP1802BCE Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCEX INTERSIL-CDP1802BCEX Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCQ INTERSIL-CDP1802BCQ Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
More results


Similar Description - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
8-BIT HMOS MICROPROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
8-BIT CMOS MICROPROCESSORS
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
logo
Renesas Technology Corp
SH7011 RENESAS-SH7011 Datasheet
1Mb / 292P
CMOS single-chip microprocessors
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com