Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA840TC Datasheet (PDF) - NEC

UPA840TC Datasheet PDF - NEC
Part # UPA840TC
Download  UPA840TC Download
File Size   79.35 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE

UPA840TC Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA840TC Datasheet PDF - NEC

Part # UPA840TC
Download  UPA840TC Click to download

File Size   79.35 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE

UPA840TC Datasheet (HTML) - NEC


UPA840TC Product details

DESCRIPTION
The µPA840TC has built-in two different transistors (Q1 and Q2) for low noise amplification in the VHF band to UHF band.

FEATURES
• Low noise
    Q1 : NF = 1.5 dB TYP. @ f = 2 GHz, VCE = 3 V, IC = 3 mA
    Q2 : NF = 1.4 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
• High gain
    Q1 : |S21e|2 = 8.5 dB TYP. @ f = 2 GHz, VCE = 3 V, IC = 10 mA
    Q2 : |S21e|2 = 12.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
• Flat-lead 6-pin thin-type ultra super minimold package
• Built-in 2 different transistors (2SC5010, 2SC5007)




Similar Part No. - UPA840TC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA841TD RENESAS-UPA841TD Datasheet
369Kb / 38P
NPN SILICON RF TWIN TRANSISTOR
2001
logo
NEC
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA843TC-T1 NEC-UPA843TC-T1 Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Similar Description - UPA840TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA880TS NEC-UPA880TS Datasheet
54Kb / 6P
NPN SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN SUPER LEAD-LESS MINIMOLD (1007 PACKAGE)
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com