Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1852 Datasheet (PDF) - Intersil Corporation

CDP1852 Datasheet PDF - Intersil Corporation
Part # CDP1852
Download  CDP1852 Download
File Size   153.29 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Byte-Wide Input/Output Port

CDP1852 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1852 Datasheet PDF - Intersil Corporation

Part # CDP1852
Download  CDP1852 Click to download

File Size   153.29 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Byte-Wide Input/Output Port

CDP1852 Datasheet (HTML) - Intersil Corporation


CDP1852 Product details

Description
The CDP1852 and CDP1852C are parallel, 8-bit, mode-programmable input/output ports. They are compatible and will interface directly with CDP1800-series microprocessors. They are also useful as 8-bit address latches when used with the CDP1800 multiplexed address bus and as I/O ports in general purpose applications.

Features
• Static Silicon-Gate CMOS Circuitry
• Parallel 8-Bit Data Register and Buffer
• Handshaking Via Service Request Flip-Flop
• Low Quiescent and Operating Power
• Interfaces Directly with CDP1800-Series Microprocessors
• Single Voltage Supply
• Full Military Temperature Range (-55°C to +125°C)




Similar Part No. - CDP1852

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1852/3 INTERSIL-CDP1852/3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP18523 INTERSIL-CDP18523 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852C/3 INTERSIL-CDP1852C/3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852CD3 INTERSIL-CDP1852CD3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852D3 INTERSIL-CDP1852D3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
More results


Similar Description - CDP1852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
INPUT/OUTPUT PORT EXPANDER
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
8-BIT INPUT/OUTPUT PORT
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
logo
Intersil Corporation
CDP18523 INTERSIL-CDP18523 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
logo
Astec America, Inc
AA60A-036L-050D033H ASTEC-AA60A-036L-050D033H Datasheet
74Kb / 2P
AA60A Series - WIde Input - Dual Output
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com